PART |
Description |
Maker |
DRD270UC120 DRD347UC154 DRD347UH154 DRT105U030F046 |
DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2140 MHz DISC TYPE DIELECTRIC RESONATOR, 1540 MHz - 1660 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5510 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4190 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9680 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1970 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 3000 MHz - 3260 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3540 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4550 MHz
|
MURATA MANUFACTURING CO LTD
|
DRD1930856M60B00T DRD1930856M60A00T DRD2701197M20Z |
DISC TYPE DIELECTRIC RESONATOR, 2760 MHz - 3000 MHz DISC TYPE DIELECTRIC RESONATOR, 1980 MHz - 2150 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4560 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3550 MHz
|
MURATA MANUFACTURING CO LTD
|
DRD1170518R20A00T DRD0840371R60A00T RD1070477R60Z0 |
DISC TYPE DIELECTRIC RESONATOR, 5000 MHz - 5500 MHz DISC TYPE DIELECTRIC RESONATOR, 6900 MHz - 7700 MHz DISC TYPE DIELECTRIC RESONATOR, 5500 MHz - 5900 MHz
|
MURATA MANUFACTURING CO LTD
|
RDB-FREQ-A1UA RCB-FREQ-C2SA |
DISC TYPE DIELECTRIC RESONATOR, 1500 MHz - 12400 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 1500 MHz - 12400 MHz
|
SPECTRUM CONTROL INC
|
DRT0770341U80A00T U40B00T T1050460U60Z00T |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 6930 MHz - 7540 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 8910 MHz - 9690 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5080 MHz - 5400 MHz
|
MURATA MANUFACTURING CO LTD
|
BH6557FV |
Optical Disc LSIs > Optical disc accessories > Peripheral IC of slim type CD-ROM DC/DC Converter Reset
|
ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
TSC51C1XXX-A-12CAR TSC51C1XXX-A-12CHB TSC8051C1XXX |
30MM FLUSH LIT EXT RED PB SPRING RTRN CONNECTOR ACCESSORY 连接器附 8-Bit Microcontroller for Digital Computer Monitors 8位数字的电脑显示器微控制 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:220uF RoHS Compliant: No CAP 1.5UF 1600VDC POLY FILM AXL Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:220uF RoHS Compliant: No CAP 1800PF 3KV CERAMIC DISC Y5P Film Capacitor; Voltage Rating:16VDC; Capacitor Dielectric Material:Polyphenylene Sulphide; Capacitance:56000pF; Capacitance Tolerance: /- 10%; Leaded Process Compatible:Yes; Package/Case:1210; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Mimix Broadband, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. NEC, Corp. TEMIC Semiconductors
|
MDR2100-18500 |
Dielectric Resonator Oscillator
|
Spectrum Microwave, Inc.
|
MDR2100 |
Dielectric Resonator Oscillator
|
Spectrum Microwave, Inc.
|
MDR2100-5500 |
Dielectric Resonator Oscillator
|
Spectrum Microwave, Inc.
|
MDR2100-8500 |
Dielectric Resonator Oscillator
|
Spectrum Microwave, Inc.
|